Part Number Hot Search : 
T3S07F 1C03AC F10U20DN P4KE15A IFN425 C1210 1N3315B DTD08052
Product Description
Full Text Search
 

To Download 832-10-016-20-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 830
PCB connectors 2.0 mm Single row / double row Solder tail
19
"Hard metric" PCB pin connectors, solder tail Grid spacing 2.0 x2.0 mm Screw-machined pins 0.46-0.47 mm For corresponding receptacles see pages 18, 20 and 21
Platings 10 90
Sleeve
Clip
Pin 0.25 m Au 5 m Sn Pb
Ordering information Replace xxx with the number of poles, e.g. 832-10-xxx-20-001 for a double row version with 8 pins per row becomes: 832-10-016-20-001
830-10-xxx-10-001 830-90-xxx-10-001
Straight pin connector: solder tail, single row Availability from: 1 to 50 contacts Standard number of contacts 50
832-10-xxx-10-001 832-90-xxx-10-001
Straight pin connector: solder tail, double row Availability from: 4 to 100 contacts Standard number of contacts 100
830-10-xxx-20-001 830-90-xxx-20-001
Right angle pin connector: solder tail, single row Availability from: 1 to 50 contacts Standard number of contacts 50
832-10-xxx-20-001 832-90-xxx-20-001
Right angle pin connector: solder tail, double row Availability from: 4 to 100 contacts Standard number of contacts 100


▲Up To Search▲   

 
Price & Availability of 832-10-016-20-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X